Part Number Hot Search : 
MCR100 L6574D 74VCX1 SCXXX A8581 12S05 12S05 BAT75008
Product Description
Full Text Search
 

To Download CJ7812-TO-220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220 Plastic-Encapsulate
Voltage Regulator
CJ7812 Three-terminal positive voltage regulator
TO-220
FEATURES Maximum Output current IOM: 1.5 A Output voltage Vo: 12 V Continuous total dissipation PD: 2 W (TJ = 25 ) 15 W (TC= 25 )
1.IN 2.GND 123 3.OUT
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified) Parameter Input Voltage Thermal resistance junction-air Thermal resistance junction-cases Operating Junction Temperature Range Storage Temperature Range Symbol Vi RJA RJC TOPR TSTG Value 35 65 5 0-150 -65-150 Unit V /W /W unless otherwise specified ) MAX 12.5 12.6 240 120 240 120 8 0.5 1.0 -1 76 55 71 2 18 230 2.2 UNIT V V mV mV mV mV mA mA mA mV/ V dB V m mA A TYP 12.0 12 10 3 11 5.0 5.1
ELECTRICAL CHARACTERISTICS(Vi=19V,Io=500mA,0Vo/T
Test conditions
MIN 11.5 11.4
TJ=25, 14.5V Vi 30V TJ=25, 16VVi22V TJ=25, IO=I5.0mA - 1.5A TJ=25, IO=250mA - 750mA TJ=25 5.0mA IO 1.0A 14.5V Vi 30V IO=5mA f =10Hz to 100KHz,TJ=25 f =120Hz, 15V Vi 25V IO=1.0A,TJ=25 f = 1KHz Vi=35V, TJ=25 TJ=25
VN RR Vd RO Isc Ipk
Typical Characteristics
CJ7812


▲Up To Search▲   

 
Price & Availability of CJ7812-TO-220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X